Part Number Hot Search : 
1N2987D IRF37 CS8151 RT1P141C 1SMA100A OP4015B CMD4D HCF4512B
Product Description
Full Text Search
 

To Download FOXELECTRONICS-824D-50000MHZ-DE0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374/2079 fax: +81.3.3374.5221 ? 2008 fox electronics | iso9001:2000 certifed 1.800 ~ 50.000 mhz -55oc ~ +125oc 1.0v 5% 2.5ma 3.5ma 40% ~ 60% 5ns 3.5ns 5.0ns 3.5ns 20% v dd 80% v dd min 2ma min -2ma min 15pf 5a 5ms 300ns 5ms 260oc / 10 seconds 1 au parameters frequency range (f o ) storage temperature range (t stg ) supply voltage (v dd ) input current (i dd ) 1.800 ~ 32.100 mhz 32.100+ ~ 50.000 mhz output symmetry (50% v dd ) rise time (20% ~ 80% v dd ) 1.800 ~ 32.100 mhz 32.100+ ~ 50.000 mhz fall time (80% ~ 20% v dd ) 1.800 ~ 32.100 mhz 32.100+ ~ 50.000 mhz output voltage (v ol ) (v oh ) output current (i ol ) (i oh ) output load (hcmos) standby current start-up time (t s ) output disable time 2 output enable time 2 maximum soldering temp / time moisture sensitivity level (msl) termination finish ? electrical characteristics max (unless otherwise noted) 1 inclusive of 25oc tolerance, operating temperature range, input voltage change, load change, shock, and vibration. *excludes shock and vibration. 2 an internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open. notes: *a 0.01f capacitor should be placed between v dd (pin 4) and gnd (pin 2) to minimize power supply noise. *dimensional drawing is for reference to critical specifcations defned by size measurements. certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary. all specifcations subject to change without notice. output (pin 3) active active high z ? enable / disable function pin 1 open 2 '1' level v ih 70% v dd '0' level v il 30% v dd hcmos 3.2x2.5mm 1.0 v smd oscillator rev. 12/12/2008 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: f300 series page 1 of 2 frequency stability 1 100ppm 100ppm 50ppm 50ppm 25ppm 25ppm* 20ppm* operating temperature (oc) -10 ~ +70 -40 ~ +85 -10 ~ +70 -40 ~ +85 -10 ~ +70 -40 ~ +85 -10 ~ +70 frequency range (mhz) 1.800 ~ 50.000 1.800 ~ 50.000 1.800 ~ 50.000 1.800 ~ 50.000 1.800 ~ 50.000 1.800 ~ 50.000 1.800 ~ 50.000 f300 f300r f305 f305r f306 f306r f308 model number part number 824-frequency-xxxxx 824a-frequency-xxxxx 824b-frequency-xxxxx 824c-frequency-xxxxx 824d-frequency-xxxxx 824e-frequency-xxxxx 824f-frequency-xxxxx ? part number selection learn more - internet required 3 . 2 0 . 2 1 . 2 m a x solder pad layout recommended 2 . 5 0 . 2 1 . 2 0 . 7 0 . 9 pin connections # 1 e /d # 2 g n d # 3 o u tp u t # 4 v d d 0 . 8 #1 #2 #4 #3 #1 #4 #3 #2 top view bottom view dot denotes pin 1 1 .4 1 .2 1 .0 0 .5 #1 a ll d im e n s io n s a re in m illim eters.
21 fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374/2079 fax: +81.3.3374.5221 ? 2008 fox electronics | iso9001:2000 certifed hcmos 3.2x2.5mm 1.0 v smd oscillator rev. 12/12/2008 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: f300 series page 2 of 2 ? tape specificatio ns (millimeters) model f300 series a ? 1.5 b 4.0 c 4.0 d 3.5 e 8.0 f 1.4 std reel qty 2,000 ? reel specificatio ns (millimeters) g 2.0 h ? 13 i ? 21 j ? 60 k ? 180 l 9.0 m 1.2 model f300 series


▲Up To Search▲   

 
Price & Availability of FOXELECTRONICS-824D-50000MHZ-DE0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X